altech corp. 35 royal road flemington, nj 08822-6000 phone (908)806-9400 fax (908)806-9490 www.altechcorp.com 7 1 35 7 911 8 10 12 246 6 4 28 5 3 179 51 53 55 57 59 58 60 52 54 56 61 63 62 64 63 64 no. of module length (l) std. ordering information poles type cat. no. mm (in.) pk. ribbon cable module with 10 fbk10 5720.2 47 (1.85) 1 short ejector latches 14 fbk14 5721.2 47 (1.85) 1 16 fbk16 5722.2 69 (2.72) 1 20 fbk20 5723.2 69 (2.72) 1 26 fbk26 5724.2 80 (3.15) 1 34 fbk34 5725.2 103 (4.06) 1 40 fbk40 5726.2 114 (4.49) 1 50 fbk50 5727.2 148 (5.83) 1 60 fbk60 5728.2 170 (6.68) 1 64 fbk64 5729.2 170 (6.68) 1 wire range current voltage 0.5-4mm 2 22-12 awg 3a 250v ac fbk ribbon cable model fbk64 to order long ejector latches, specify cat. no. with /l suffix. example: cat. no. 5727.2/l. interfaces connector-to-wire ribbon cable module 35 or 32mm din rail compact ribbon connector modules provide an interface between multi-wire flat cables outfitted with idc connectors and discrete wires. up to 64 conductors can be terminated saving time and eliminating wiring mistakes. no special wiring or tools are required. ribbon cable interface modules are typically used in communications, data pro- cessing, process control and other industrial applications. fbk ribbon cable modules are supplied with short strain relief ejector latches (long ejector latches are available), screw-cage clamp terminal blocks and component solder pads for easy insertion of circuit building components. all terminal blocks are individually marked to correspond to the numbers on the header pins. screw-cage clamp connections up to 64 poles 4 to 5 component solder pads per line .9mm (.035 in.) component mtg. holes din rail mount, panel mount available l 87 mm (3.43 in.) ts35x7.5 70mm (2.75 in.) ts32x15 75mm (2.95 in.) c onnector to t erminal b lock m odules
altech corp. 35 royal road flemington, nj 08822-6000 phone (908)806-9400 fax (908)806-9490 www.altechcorp.com 8 no. of module length std. ordering information diodes diode type cat. no. (l) mm (in.) pk. series connection, 1a diodes 4 1n4007 dm4-s 8971.2 22 ( .87) 1 series connection, 1a diodes 8 1n4007 dm8-s 5702.2 42 (1.65) 1 series connection, 1a diodes 12 1n4007 dm12-s 5703.2 62 (2.44) 1 series connection, 1a diodes 16 1n4007 dm16-s 8973.2 90 (3.54) 1 series connection, 1a diodes 20 1n4007 dm20-s 8974.2 110 (4.33) 1 series connection, 1a diodes 24 1n4007 dm24-s 8975.2 130 (5.12) 1 series connection, 3a diodes 4 1n5408 dm4-s3 8971.3 22 ( .87) 1 series connection, 3a diodes 8 1n5408 dm8-s3 5702.3 42 (1.65) 1 series connection, 3a diodes 12 1n5408 dm12-s3 5703.3 62 (2.44) 1 series connection, 3a diodes 16 1n5408 dm16-s3 8973.3 90 (3.54) 1 series connection, 3a diodes 20 1n5408 dm20-s3 8974.3 110 (4.33) 1 series connection, 3a diodes 24 1n5408 dm24-s3 8975.3 130 (5.12) 1 bussed anodes, 1a diodes 6 1n4007 dm6-a-s 8842.2 22 ( .87) 1 bussed anodes, 1a diodes 14 1n4007 dm14-a-s 5704.2 42 (1.65) 1 bussed anodes, 1a diodes 22 1n4007 dm22-a-s 5705.2 62 (2.44) 1 bussed cathodes, 1a diodes 6 1n4007 dm6-k-s 8850.2 22 ( .87) 1 bussed cathodes, 1a diodes 14 1n4007 dm14-k-s 5706.2 42 (1.65) 1 bussed cathodes, 1a diodes 22 1n4007 dm22-k-s 5707.2 62 (2.44) 1 wire range voltage 0.5-4mm 2 22-12 awg 250v specifications: diode: 1n4007 or equivalent rated current: 1a diode: 1n5408 or equivalent rated current: 3a maximum blocking voltage - 1000v dc rated bus current: 10a (12a at 30?c (86?f) temperature rise) interfaces diode module 35 or 32mm din rail mount wire individually labeled diodes into existing circuits for freewheeling, dc inductive kick suppression (commutating), reverse dc polarity protection, etc. use bussed diodes for distribution of logic vcc or ground, or gather and decouple electrical signals for lamp testing or collective fault messages. use as commutating diodes across inductive loads such as dc relays, solenoid valves, actuator magnets, etc. to suppress voltage surges. standard modules include series connection diode circuits in 1 amp and 3 amp versions, and diode gates with bussed anodes or cathodes. screw-cage clamp connections special configurations available din rail mount, panel mount available dm diode module l 87 mm (3.43 in.) ts35x7.5 56mm (2.21 in.) ts32x15 61mm (2.40 in.) d iode m odules & c omponent c arriers
|